Part Number Hot Search : 
ATTINY8 TIP11 100EP TM32F103 7E375 1018068 RD10ES IRFP4710
Product Description
Full Text Search
 

To Download CY62127V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CY62127V
64K x 16 Static RAM
Features
* 2.7V-3.6V operation * CMOS for optimum speed/power * Low active power (70 ns) -- 198 mW (max.) (55 mA) * Low standby power (70 ns, LL version) -- 54 W (max.) (15 A) * Automatic power-down when deselected -- Power down either with CE or BHE and BLE HIGH * Independent control of Upper and Lower Bytes * Available in 44-pin TSOP II (forward) Writing to the device is accomplished by taking Chip Enable (CE) and Write Enable (WE) inputs LOW. If Byte Low Enable (BLE) is LOW, then data from I/O pins (I/O 1 through I/O8), is written into the location specified on the address pins (A0 through A15). If Byte High Enable (BHE) is LOW, then data from I/O pins (I/O 9 through I/O16) is written into the location specified on the address pins (A0 through A15). Reading from the device is accomplished by taking Chip Enable (CE) and Output Enable (OE) LOW while forcing the Write Enable (WE) HIGH. If Byte Low Enable (BLE) is LOW, then data from the memory location specified by the address pins will appear on I/O1 to I/O 8. If Byte High Enable (BHE) is LOW, then data from memory will appear on I/O 9 to I/O16. See the truth table at the back of this datasheet for a complete description of read and write modes. The input/output pins (I/O 1 through I/O16) are placed in a high-impedance state when the device is deselected (CE HIGH), the outputs are disabled (OE HIGH), the BHE and BLE are disabled (BHE, BLE HIGH), or during a write operation (CE LOW, and WE LOW). The CY62127V is available in standard 44-pin TSOP Type II (forward pinout) and mini-BGA packages.
Functional Description
The CY62127V is a high-performance CMOS Static RAM organized as 65,536 words by 16 bits. This device has an automatic power-down feature that significantly reduces power consumption by 99% when deselected. The device enters power-down mode when CE is HIGH or when CE is LOW and both BLE and BHE are HIGH.
Logic Block Diagram
Pin Configurations
TSOP II (Forward) Top View A4 A3 A2 A1 A0 CE I/O1 I/O2 I/O3 I/O4 VCC VSS I/O5 I/O6 I/O7 I/O8 WE A15 A14 A13 A12 NC
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23
DATA IN DRIVERS A12 A11 A10 A9 A7 A6 A3 A2 A1 A0
64K x 16 RAM Array 1024 X 1024
I/O1-I/O8 I/O9-I/O16
COLUMN DECODER
BHE WE CE OE BLE
62127V-1
A4 A5 A8 A13 A14 A15
A5 A6 A7 OE BHE BLE I/O16 I/O15 I/O14 I/O13 VSS VCC I/O12 I/O11 I/O10 I/O9 NC A8 A9 A10 A11 NC
ROW DECODER
SENSE AMPS
62127V-2
Cypress Semiconductor Corporation
*
3901 North First Street
*
San Jose
*
CA 95134
*
408-943-2600 June 2, 1999
CY62127V
Pin Configurations (continued)
Mini-BGA 1 BLE 2 OE 3 A0 A3 A5 NC NC A14 A12 A9 4 A1 A4 A6 A7 NC 5 A2 CE I/O2 I/O4 I/O 5 6 NC I/O1 I/O3 VCC VSS I/O7 I/O8 NC A B C D E F G H
62127V-3
I/O9 BHE I/O10 I/O11 VSS VCC I/O12 I/O13
I/O15 I/O14 I/O16 NC NC A8
A15 I/O6 A13 A10 WE A11
Selection Guide
62127V-55 Maximum Access Time Maximum Operating Current Maximum CMOS Standby Current Com'l Std L LL Ind'l
Shaded areas contain preliminary information.
62127V-70 70 55 0.3 50 15 30
Units ns mA mA A A A
55 55 0.3 50 15 30
LL
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature ................................. -65C to +150C Ambient Temperature with Power Applied ............................................. -55C to +125C Supply Voltage on VCC to Relative GND[1] .... -0.5V to +4.6V DC Voltage Applied to Outputs in High Z State[1] ....................................-0.5V to VCC + 0.5V DC Input Voltage[1].................................-0.5V to VCC + 0.5V
Notes: 1. VIL (min.) = -2.0V for pulse durations of less than 20 ns. 2. TA is the "Instant On" case temperature.
Current into Outputs (LOW)......................................... 20 mA Static Discharge Voltage .......................................... >2001V (per MIL-STD-883, Method 3015) Latch-Up Current .................................................... >200 mA
Operating Range
Range Commercial Industrial Ambient Temperature[2] 0C to +70C -40C to +85C VCC 2.7V-3.6V 2.7V-3.6V
2
CY62127V
Electrical Characteristics Over the Operating Range
62127V-55, 70 Parameter VOH VOL VIH VIL IIX IOZ ICC Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage[1] Input Load Current Output Leakage Current VCC Operating Supply Current Automatic CE Power-Down Current --TTL Inputs Automatic CE Power-Down Current --CMOS Inputs GND V I VCC GND V I VCC, Output Disabled VCC = Max., IOUT = 0 mA, f = fMAX = 1/tRC Max. V CC, CE VIH VIN VIH or VIN VIL, f = fMAX Max. V CC, CE VCC - 0.3V, VIN VCC - 0.3V, or VIN 0.3V, f=0 Std L Com'l Ind LL LL 0.5 0.5 Test Conditions VCC = Min., IOH = -1.0 mA VCC = Min., IOL = 2.1 mA 2.0 -0.3 -1 -1 Min. 2.2 0.4 VCC + 0.3 0.4 +1 +1 55 Typ.[3] Max. Unit V V V V A A mA
ISB1
2
mA
ISB2
0.3 50 15 30
mA A A A
Capacitance[4]
Parameter CIN COUT Description Input Capacitance Output Capacitance Test Conditions TA = 25C, f = 1 MHz, VCC = 3.3V Max. 9 9 Unit pF pF
AC Test Loads and Waveforms
R1 1076 3.0V OUTPUT 30 pF INCLUDING JIG AND SCOPE (a) OUTPUT Equivalent to: THEVENIN EQUIVALENT R2 1262 3.0V OUTPUT 5 pF INCLUDING JIG AND SCOPE 581 R2 1262 GND <3 ns R1 1076 3.0V 90% 10% 90% 10% <3 ns ALL INPUT PULSES
(b)
1.62V
62127V-4
Notes: 3. Typical specifications are the mean values measured over a large sample size across normal production process variations and are taken at nominal conditions (TA = 25C, VCC=3.0V). Parameters are guaranteed by design and characterization, and not 100% tested. 4. Tested initially and after any design or process changes that may affect these parameters.
3
CY62127V
Switching Characteristics[5] Over the Operating Range
62127V-55 Parameter READ CYCLE tRC tAA tOHA tACE tDOE tLZOE tHZOE tLZCE tHZCE tPU tPD tDBE tLZBE tHZBE tWC tSCE tAW tHA tSA tPWE tSD tHD tLZWE tHZWE tBW Read Cycle Time Address to Data Valid Data Hold from Address Change CE LOW to Data Valid OE LOW to Data Valid OE LOW to Low Z CE LOW to Low Z
[7]
62127V-70 Min. 70 Max. Unit ns 70 10 70 35 5 25 10 25 0 70 70 5 25 70 60 60 0 0 50 30 0 5 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 25 60 ns ns
Description
Min. 55
Max.
55 10 55 25 5 20 10 20 0 55 55 5 20 55 45 45 0 0 40 25 0 5 25 45
OE HIGH to High Z[6, 7]
[7] [6, 7]
CE HIGH to High Z
CE LOW to Power-Up CE HIGH to Power-Down Byte Enable to Data Valid Byte Enable to LOW Z
[7] [6, 7]
Byte Disable to HIGH Z Write Cycle Time CE LOW to Write End
WRITE CYCLE[8]
Address Set-Up to Write End Address Hold from Write End Address Set-Up to Write Start WE Pulse Width Data Set-Up to Write End Data Hold from Write End WE HIGH to Low Z WE LOW to High Z
[7] [6, 7]
Byte Enable to End of Write
Shaded areas contain preliminary information. Notes: 5. Test conditions assume signal transition time of 5ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified I OL/IOH and 30pF load capacitance. 6. t HZOE, tHZCE, tHZWE, and tHZBE are specified with a load capacitance of 5 pF as in part (b) of AC Test Loads. Transition is measured 500 mV from steady-state voltage. 7. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, tHZWE is less than tLZWE, and tHZBE is less than tLZBE, for any given device. 8. The internal write time of the memory is defined by the overlap of CE LOW and WE LOW. CE and WE must be LOW to initiate a write, and the transition of any of these signals can terminate the write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the write. Refer to truth table for further conditions from BHE and BLE.
4
CY62127V
Data Retention Characteristics (Over the Operating Range for "L" and "LL" version only)
Parameter VDR ICCDR Description VCC for Data Retention Data Retention Current Com'l Ind'l tCDR tR
[4]
Conditions[9] L LL LL VCC=VDR=3.0V, CE VCC - 0.3V, VIN VCC - 0.3V or, VIN 0.3V
Min. 2.0
Typ 0.5 0.5 0.5
Max. 3.6 50 15 30
Unit V A A A ns ns
Chip Deselect to Data Retention Time Operation Recovery Time
0 tRC
Data Retention Waveform
DATA RETENTION MODE VCC 3.0V tCDR CE
62127V-5
VDR > 2V
3.0V tR
Switching Waveforms
Read Cycle No.1[10, 11]
tRC ADDRESS tAA tOHA DATA OUT PREVIOUS DATA VALID DATA VALID
62127V-6
Notes: 9. No input may exceed VCC + 0.3V. 10. Device is continuously selected. OE, CE, BHE, BLE = VIL. 11. WE is HIGH for read cycle.
5
CY62127V
Switching Waveforms (continued)
Read Cycle No. 2 (OE Controlled)[11, 12, 13]
ADDRESS tRC CE
tACE OE
BHE, BLE tDBE tLZBE tDOE tLZOE HIGH IMPEDANCE tLZCE VCC SUPPLY CURRENT tPU 50% tHZBE tHZOE tHZCE DATA VALID tPD 50% ISB 62127V-7 ICC HIGH IMPEDANCE
DATA OUT
Write Cycle No. 1 (CE Controlled)[13, 14]
tWC ADDRESS tSCE CE tSA
tAW BHE, BLE tBW tPWE WE tSD DATA I/O DATA VALID tHD
tHA
62127V-8
Notes: 12. Address valid prior to or coincident with CE transition LOW. 13. Data I/O is high impedance if OE = VIH or BHE and BLE = VIH. 14. If CE, BHE, or BLE go HIGH simultaneously with WE going HIGH, the output remains in a high-impedance state.
6
CY62127V
Switching Waveforms (continued)
Write Cycle No. 2 (WE Controlled, OE HIGH During Write)[13, 14]
tWC ADDRESS tSCE CE
tAW tSA WE tBW BHE, BLE tPWE
tHA
OE tHZOE DATA I/O NOTE 15 t SD DATAIN VALID
62127V-9
t HD
Write Cycle No.3 (WE Controlled, OE LOW)[13, 14]
tWC ADDRESS tSCE CE
tSA WE
tAW tPWE
tHA
tBW BHE, BLE t tHZWE DATAI/O NOTE 15 tSD DATA VALID tLZWE
62127V-10
HD
Note: 15. During this period the I/Os are in the output state and input signals should not be applied.
7
CY62127V
Truth Table
CE H L L L L L L L L OE X L L L X X X H X WE X H H H L L L H X BLE X L L H L L H L H BHE X L H L L H L L H I/O1-I/O8 High Z Data Out Data Out High Z Data In Data In High Z High Z High Z I/O9-I/O16 High Z Data Out High Z Data Out Data In High Z Data In High Z High Z Power Down Read All Bits Read Lower Bits Only Read Upper Bits Only Write All Bits Write Lower Bits Only Write Upper Bits Only Selected, Outputs Disabled Power Down Mode Power Standby (ISB) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Active (ICC) Standby (ISB)
Ordering Information
Speed (ns) 55 Ordering Code CY62127V-55ZC CY62127VL-55ZC CY62127VLL-55ZC CY62127VLL-55ZI 55 CY62127V-70BAC CY62127VL-70BAC CY62127VLL-70BAC CY62127VLL-70BAI 70 CY62127V-70ZC CY62127VL-70ZC CY62127VLL-70ZC CY62127VLL-70ZI 70 CY62127V-70BAC CY62127VL-70BAC CY62127VLL-70BAC CY62127VLL-70BAI
Shaded areas contain preliminary information.
Package Name Z44 Z44 Z44 Z44 BA48 BA48 BA48 BA48 Z44 Z44 Z44 Z44 BA48 BA48 BA48 BA48 44-Lead TSOP II 44-Lead TSOP II 44-Lead TSOP II 44-Lead TSOP II
Package Type
Operating Range Commercial
Industrial Commercial
48-Ball Mini Ball Grid Array (7.00 mm x 7.00 mm) 48-Ball Mini Ball Grid Array (7.00 mm x 7.00 mm) 48-Ball Mini Ball Grid Array (7.00 mm x 7.00 mm) 48-Ball Mini Ball Grid Array (7.00 mm x 7.00 mm) 44-Lead TSOP II 44-Lead TSOP II 44-Lead TSOP II 44-Lead TSOP II 48-Ball Mini Ball Grid Array (7.00 mm x 7.00 mm) 48-Ball Mini Ball Grid Array (7.00 mm x 7.00 mm) 48-Ball Mini Ball Grid Array (7.00 mm x 7.00 mm) 48-Ball Mini Ball Grid Array (7.00 mm x 7.00 mm)
Industrial Commercial
Industrial Commercial
Industrial
Document #: 38-00686-A
8
CY62127V
Package Diagrams
48-Ball (7.00 mm x 7.00 mm) FBGA BA48
51-85096-C
9
CY62127V
Package Diagrams (continued)
44-Pin TSOP II Z44
51-85087-A
(c) Cypress Semiconductor Corporation, 1999. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.


▲Up To Search▲   

 
Price & Availability of CY62127V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X